PART |
Description |
Maker |
DS1990A |
Serial Number iButton
|
Maxim
|
DS1990R |
Serial Number iButton
|
Maxim Integrated Products
|
24C00-I/P 24C00T-I/OT 24C00T-I/ST 24C00T-E/SN 24C0 |
SERIAL EEPROM|16X8|CMOS|DIP|8PIN|PLASTIC SERIAL EEPROM|16X8|CMOS|SOP|8PIN|PLASTIC T1/CEPT Jitter Attenuator Serial Number iButton High-Precision Li Battery Monitor with Alerts SERIAL EEPROM|16X8|CMOS|TSOP|6PIN|PLASTIC 串行EEPROM的| 16X8 |的CMOS |的TSOP | 6针|塑料 SERIAL EEPROM|16X8|CMOS|TSSOP|8PIN|PLASTIC 串行EEPROM的| 16X8 |的CMOS | TSSOP封装| 8引脚|塑料
|
Microchip Technology, Inc.
|
DS1904 DS9092 DS9093A DS9093RA DS9096P DS9101 |
Temperature iButton RTC iButton iButton钥匙链配 RTC iButton iButton塑料卡安装件
|
Maxim Integrated Products, Inc. Dallas Semiconducotr DALLAS[Dallas Semiconductor]
|
DS1411-S09 DS1411-009 DS1411-11 |
Provides Strong Pullup to 5V for Temperature iButton and EEPROM iButton
|
Maxim Integrated Products Maxim Integrated Produc...
|
DS1973-F5 |
4Kb EEPROM iButton® 512 X 8 1-WIRE SERIAL EEPROM, MEDB2
|
Maxim Integrated Products, Inc.
|
DS2401P DS2401T-SL DS2401X1 DS2401Y DS2401Z DS2401 |
Silicon Serial Number 硅序列号
|
Maxim Integrated Products, Inc. Yellow Stone, Corp. Dallas Semiconducotr MAXIM - Dallas Semiconductor
|
DS2411 DS2411X |
Silicon Serial Number with Vcc Input
|
Maxim Integrated Products
|
24C512 AT24C512 AT24C512-10PC AT24C512-10PC-1.8 AT |
Quadruple 2-Input Positive-OR Gates 14-TVSOP -40 to 85 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PBGA8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 CABLE 9539, 9CORE, PER M; Cores, No. of:9; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:6.2mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Approval Bodies:CSA, SRPVC, UL RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes 320 x 240 pixel format, LED or CFL Backlight 2-wireSerialEEPROM
|
Atmel, Corp. PROM Atmel Corp. ATMELCorporation ATMEL[ATMEL Corporation]
|
MM545011 MM5451 MM5450BV MM5451YN |
LED Driver IC; Driver Type:LED; Number of Digits/Alpha:5; Number of Segments/Matrix Size:7 segments; Display Interface:Static Non-Multiplexed; Data Control Interface:Serial; Supply Voltage Min:4.75V; Supply Voltage Max:11V LED DISPLAY DRIVER, PDIP40
|
Micrel Semiconductor, Inc.
|
AI3D5 AI3D9 AI3D7 AI3D8 AI3D6 AM2D8 AM2D55J FAM2D5 |
8 MINI MAP,PB/HALO FREE,NIPDAU LF,1.8V(SERIAL EE) 8 ULTRA THIN MINI MAP,PB/HALO FREE,1.8V(SERIAL EE) Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 1; Comments: High-rugged type; V_CES (V): (max 1200) Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: standard; Internal Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: low VF; Internal 10MS, 8 EIAJ, IND TEMP, GREEN, 1.8V(SERIAL EE) Stepping Motor Driver ICs; Function: Driver; Vopmax (Vm*): 34V (40V); Io (lpeak): 1.5A (1.8A); Excitation: 1/16 step; I/F: CLK input; Mixed Decay Mode: included; Package: HSOP36; RoHS Compatible: yes 250NS,32LCC,883C; LEV B FULLY COMPLIANT(EEPROM) Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(N); Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600) Discrete IGBTs; Surface Mount Type: N; Package: TO-220NIS; Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600) Discrete IGBTs; Surface Mount Type: Y; Package: TSSOP-8; Number Of Pins: 8; No Of Circuits: New product; Comments: 2.9; V_CES (V): (max 400) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min -0.6) (max -1.1); R DS Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 0.5) (max 1.2); R DS Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 1.1) (max 1.8); R DS Dual/Quad Zero-Drift Operational Amplifiers; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C 10MS, DIE, 1.8V, 11 MILS THICKNESS(SERIAL EE) General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High current; Part Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: high breakdown Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: low VF; Internal General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: Low-noise; Part General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High voltage SW; Part Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min 0.6) (max 1.1); R DS On (Ω): 5.2 (max 15); Drain-Source Voltage (V): (max 20); Drain Current (mA): (max 100) 10MS, 8 TSSOP, EXT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 TSSOP, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN, 2.7V(SERIAL EE) DIE/WAFER FORM(EEPROM) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: ES6; Number of Pins: 6; V th (V): (min 0.5) (max 1.1); R DS On (Ω): 0.140 (max 0.180) 0.120 (max 0.145); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 500) High-Frequency Schottky Barrier Diodes; Surface Mount Type: Y; Package: VESM; Number Of Pins: 3; Application Scope: VHF, UHF MIX; V F (V): 0.25; C T (pF): 0.6; V R (V): (max 4); Average Forward Current I_F Max (mA): (max 25) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min -0.6) (max -1.1); R DS On (Ω): 18 (max 45); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -100) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: UF6; Number of Pins: 6; V th (V): (min 0.8) (max 2); R DS On (Ω): 0.33 (max 0.44) 0.23 (max 0.3); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 2000) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 20 (max 40); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min 2) (max 3.5); R DS On (Ω): 0.6 (max 1); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 200) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 2.4 (max 4); Drain-Source Voltage (V): (max -30); Drain Current (mA): (max -200) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -2) (max -3.5); R DS On (Ω): 1.3 (max 2); Drain-Source Voltage (V): (max -60); Drain Current (mA): (max -200) 10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) Logic IC 逻辑IC Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 2; Comments: Non isolation package; V_CES (V): (max 900) 逻辑IC 90NS, VSOP, IND TEMP(EPROM) 逻辑IC Dual -48V Supply and Fuse Monitor; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 逻辑IC 45NS, SOIC, IND TEMP(EPROM) 逻辑IC Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min 0.8) (max 1.5); R DS On (Ω): 4 (max 7); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 100) 逻辑IC
|
Hitachi,Ltd. Sanyo Denki Co., Ltd. ZF Electronics, Corp.
|